Part Number Hot Search : 
032010 CX31A6 S7805D06 74LVC1 3DD13002 SX4400 T240A A4510
Product Description
Full Text Search
 

To Download PBYL1025BT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  philips semiconductors product specification rectifier diodes pbyl1025b series schottky barrier features symbol quick reference data ? low forward volt drop ? fast switching v r = 20 v/ 25 v ? reverse surge capability ? high thermal cycling performance i f(av) = 10 a ? low thermal resistance v f 0.4 v general description pinning sot404 schottky rectifier diodes intended pin description for use as output rectifiers in low voltage, high frequency switched 1 no connection mode power supplies. 2 cathode 1 the pbyl1025b series is supplied in the sot404 surface mounting 3 anode package. tab cathode limiting values limiting values in accordance with the absolute maximum system (iec 134) symbol parameter conditions min. max. unit pbyl10 20b 25b v rrm peak repetitive reverse - 20 25 v voltage v rwm working peak reverse - 20 25 v voltage v r continuous reverse voltage t mb 119 ?c - 20 25 v i f(av) average rectified forward square wave; d = 0.5; t mb 132 ?c - 10 a current i frm repetitive peak forward square wave; d = 0.5; t mb 132 ?c - 20 a current i fsm non-repetitive peak forward t = 10 ms - 130 a current t = 8.3 ms - 150 a sinusoidal; t j = 125 ?c prior to surge; with reapplied v rrm(max) i rrm peak repetitive reverse pulse width and repetition rate - 1 a surge current limited by t j max t j operating junction - 150 ?c temperature t stg storage temperature - 65 175 ?c k a tab 3 13 tab 2 1 it is not possible to make connection to pin 2 of the sot428 package october 1998 1 rev 1.100
philips semiconductors product specification rectifier diodes pbyl1025b series schottky barrier thermal resistances symbol parameter conditions min. typ. max. unit r th j-mb thermal resistance junction - - 3 k/w to mounting base r th j-a thermal resistance junction pcb mounted, minimum footprint, fr4 - 50 - k/w to ambient board electrical characteristics t j = 25 ?c unless otherwise specified symbol parameter conditions min. typ. max. unit v f forward voltage i f = 10 a; t j = 150?c - 0.33 0.4 v i f = 10 a; t j = 125?c - 0.39 0.45 v i f = 20 a; t j = 125?c - 0.54 0.61 v i f = 20 a - 0.57 0.64 v i r reverse current v r = v rwm - 0.2 5 ma v r = v rwm ; t j = 100?c - 15 30 ma c d junction capacitance v r = 5 v; f = 1 mhz, t j = 25?c to 125?c - 580 - pf october 1998 2 rev 1.100
philips semiconductors product specification rectifier diodes pbyl1025b series schottky barrier fig.1. maximum forward dissipation p f = f(i f(av) ); square current waveform where i f(av) =i f(rms) x ? d. fig.2. maximum forward dissipation p f = f(i f(av) ); square current waveform where i f(av) =i f(rms) x ? d. fig.3. typical and maximum forward characteristic i f = f(v f ); parameter t j fig.4. typical reverse leakage current; i r = f(v r ); parameter t j fig.5. typical junction capacitance; c d = f(v r ); f = 1 mhz; t j = 25?c to 125 ?c. fig.6. transient thermal impedance; z th j-mb = f(t p ). pbyl1025 0 5 10 15 0 2 4 6 8 10 d = 1.0 0.5 0.2 0.1 rs = 0.016 ohms vo = 0.29 v average forward current, if(av) (a) forward dissipation, pf (w) tmb(max) / c 150 144 138 132 126 120 t i d = t p t p t t 0 5 10 15 20 25 1ua 10ua 100ua 1ma 10ma 100ma pbyr725d reverse voltage, vr (v) reverse current, ir (a) 50 c 75 c 100 c 125 c tj = 25 c 0246810 0 1 2 3 4 5 6 7 8 a = 1.57 1.9 2.2 2.8 4 pbyl1025 average forward current, if(av) (a) forward dissipation, pf (w) vo = 0.29 v rs = 0.016 ohms tmb(max) / c 126 132 138 144 150 1 10 100 100 1000 10000 pbyr725d reverse voltage, vr (v) junction capacitance, cd (pf) 0 0.2 0.4 0.6 0.8 1 0 5 10 15 pbyr725d forward voltage, vr (v) forward current, if (a) tj = 25 c tj = 125 c max typ 1us 10us 100us 1ms 10ms 100ms 1s 10s 0.001 0.01 0.1 1 10 pbyl1025 pulse width, tp (s) transient thermal impedance, zth j-mb (k/w) d = t p t p t t p t d october 1998 3 rev 1.100
philips semiconductors product specification rectifier diodes pbyl1025b series schottky barrier mechanical data dimensions in mm net mass: 1.4 g fig.7. sot404 : centre pin connected to mounting base. mounting instructions dimensions in mm fig.8. sot404 : soldering pattern for surface mounting . notes 1. epoxy meets ul94 v0 at 1/8". 11 max 4.5 max 1.4 max 10.3 max 0.5 15.4 2.5 0.85 max (x2) 2.54 (x2) 17.5 11.5 9.0 5.08 3.8 2.0 october 1998 4 rev 1.100
philips semiconductors product specification rectifier diodes pbyl1025b series schottky barrier definitions data sheet status objective specification this data sheet contains target or goal specifications for product development. preliminary specification this data sheet contains preliminary data; supplementary data may be published later. product specification this data sheet contains final product specifications. limiting values limiting values are given in accordance with the absolute maximum rating system (iec 134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of this specification is not implied. exposure to limiting values for extended periods may affect device reliability. application information where application information is given, it is advisory and does not form part of the specification. philips electronics n.v. 1998 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. life support applications these products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips for any damages resulting from such improper use or sale. october 1998 5 rev 1.100


▲Up To Search▲   

 
Price & Availability of PBYL1025BT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X